PART |
Description |
Maker |
2SC5783 |
Ultrahigh-Frequency Transistors
|
SANYO
|
EC3H08B |
Ultrahigh-Frequency Transistors
|
SANYO
|
EC3H10B |
Ultrahigh-Frequency Transistors
|
SANYO
|
AD5539J AD5539 AD5539SQ_883B AD5539JN AD5539JQ AD5 |
ULTRAHIGH FREQUENCY OPERATIONAL AMPLIFIER
|
AD[Analog Devices]
|
2SA1969 |
PNP Epitaxial Planar Silicon Transistor High-Frequency Medium-Output Amplifier,Medium-Current Ultrahigh-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1969 |
High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SC1815-X-T92-B 2SC1815-X-T92-K 2SC1815 2SC1815G-X |
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR 150 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
2SB1198 2SB1198K A5800312 2SB1198KQ |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | SC-59 From old datasheet system Low-frequency Transistor(-80V, -0.5A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low-frequency Transistor(-80V/ -0.5A)
|
ROHM[Rohm]
|
2SC1815 |
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
|
UTC
|
2SC4188 |
NPN Epitaxial Planar Silicon Transistor Ultrahigh-Definition CRT Display Video Output Applications
|
Sanyo
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|